Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button DCDM9SSB Datasheet HTML 29Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 30Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 31Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 32Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 33Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 34Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 35Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 36Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 37Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 37 / 37 page
background image
5-39
Call Toll Free: 1 (800) 323-9612
Cinch Dura-Con Strip
Thermoplastic
Glass-Reinforced
Strip Connector
Contact Centers
A = .050 (24 Ga.)
Contact Position
1 = Contacts in every position
No. of Contact Positions
1 through 60**
Contact Type
P = Pin
S = Socket
Wire Size in AWG
5 = 25 AWG Solid Copper Wire
6 = 26 AWG Stranded Wire
S = Solder Cup (Skip to
guide pin field if necessary)
Dura-Con
High Reliability
Strip Connectors
.050" (1.27mm) Density
Solder Cup/Wire
All Plastic
* - Indicates Cinch std. option.
** - Consult factory for larger sizes and multi-row.
Dimensions
Socket Connector
Pin Connector
24 Gauge Stainless Steel Guide Pin*
CS A 1 10 P 4 C 4-00.5 G
Guide Pin (Socket Only)
Empty Cavity (Pin Only)
G02 = Guide Pin Position No. 2
GX = Special Position,
Consult Factory
Lead Length in inches
00.5 Solid copper wire only
01.0 Solid copper wire only
02.0 Solid copper wire only
18.0 Stranded wire only
24.0 Stranded wire only
36.0 Stranded wire only
48.0 Stranded wire only
Insulation Color,
Solid Wire Finish,
Solid Cup Finish
1 = All White
*2 = All Yellow
3 = Tin-Plated
*4 = Gold-Plated (Solid Wire Only)
*5 = Color Coded Per MIL-Std.
681, System 1
System 1. (Stranded Wire Only)
Insulation Wire or
Solid Wire Type
C = Solid Copper
E = MIL-W-168 78/4, 7 Strand
* Assembly in socket connector only.
Epoxy
Ordering Information
NOTE:
Dimension A is number
of positions less 1
multiplied by .050



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com