Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  DCDM9SSB Datasheet HTML 1Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 2Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 3Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 4Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 5Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 6Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 7Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 8Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
Cinch Dura-Con D Connector
Insulator Type
*D = Thermoplastic
Glass Reinforced
Mounting Type
*A = Screw Mount Flange
No. of Contacts
9, 15, 21, 25, 31, 37, 51
Contact Type
P – Pin (Plug)
S – Socket (Receptacle)
Wire Size in AWG
5 = 25 AWG Solid Copper
6 = 26 AWG Stranded
S = Solder Cup (Skip to Mounting Hardware)
Wire Type
E = MIL-W-16878/4, 7 Strand
C = Solid Copper - Uninsulated
(Consult factory for non-standard wire types)
5-5
Call Toll Free: 1 (800) 323-9612
Dura-Con
High Reliability
All-Plastic
.050" (1.27mm) Density
Solder Cup/Wire
D-Microminiature
DC D A 37 P 6 E 2 -18.0 K
Contact Arrangements
(Face view of pin insulator)
(Use reverse order for socket)
Mounting Hardware**
B = No Hardware
F = Float Mount
R = Reverse Float Mount
K = Jackscrew (Standard)
L = Jackscrew (Low Profile)
P = Jackpost, MIL-C-83513/5-07
Lead Length in inches***
00.5 Solid copper wire only
01.0 Solid copper wire only
02.0 Solid copper wire only
18.0 Stranded wire only
24.0 Stranded wire only
36.0 Stranded wire only
48.0 Stranded wire only
Insulation
Color or Wire Finish
1 = White
*2 = Yellow (Stranded Wire)
3 = Tin-Plated
*4 = Gold-Plated (Solid Wire Only)
*5 = Color Coded Per MIL-Std. (681)
System 1. (Stranded Wire Only)
* - Indicates Cinch std. option.
** - See p. 5-12 for std. hardware dims. See p. 5-13 for non-std. hardware & p. 5-31 for Mil spec. hardware both sold separately.
***- Length Tolerance: solid wire = ± 3/32”, standard wire = ± 1/4”.
Ordering Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com