Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button DCDM9SSB Datasheet HTML 27Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 28Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 29Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 30Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 31Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 32Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 33Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 34Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
5-32
Call Toll Free: 1 (800) 323-9612
■ Designed to significantly reduce damage to already mounted Dura-Con
connectors during routine system tests.
■ Eliminates numerous mating & unmating cycles experienced by connectors
on test harnesses.
■ Plug connector on one end, socket connector on the other.
■ Available in all-plastic (polyester) or in metal shell with diallyl phthalate or
polyester insulators (both UL94V-0 rated).
■ Locking hardware must be ordered separately.
Insulator: UL94V-0 glass-filled polyester or diallyl phthalate
Contacts: Copper alloy
Contact Plating: .000050 in gold
Shell (Metal Only): Aluminum alloy
Shell Plating: Yellow chromate over cadmium
Current Rating:
3 Amps maximum
Withstanding Voltage:
600 VAC RMS @ sea level
Contact Resistance:
8 milliohms maximum
Individual Contact: Insertion force, 6 oz. (170.40 g) maximum;
Withdrawal force 0.5 oz. (14.20 g) minimum
Mating / Unmating Forces: See previous tables
Dura-Con
High Reliability
All-Plastic & Metal Shell
.050" (1.27mm) Density
Connector Saver
Metal Shell
All Plastic
No. of
Diallyl Phthalate
Glass-Filled Polyester
Glass-Filled Polyester
Contacts
Catalog No.
Catalog No.
Catalog No.
9
DCCM9CS
DCDM9CS
DCDA9CS
15
DCCM15CS
DCDM15CS
DCDA15CS
21
DCCM21CS
DCDM21CS
DCDA21CS
25
DCCM25CS
DCDM25CS
DCDA25CS
31
DCCM31CS
DCDM31CS
DCDA31CS
37
DCCM37CS
DCDM37CS
DCDA37CS
51
DCCM51CS
DCDM51CS
DCDA51CS
100
DCCM100CS
DCDM100CS
–
Operating Temperature: -55°C to +135°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com