Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button DCDM9SSB Datasheet HTML 15Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 16Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 17Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 18Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 19Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 20Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 21Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 22Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
5-20
Call Toll Free: 1 (800) 323-9612
■ All-plastic and metal shell wire versions available in solder cup, gold-plated
solid wire, and insulated stranded wire.
■ PCB mount “terminal block” type connectors available in straight or
right angle.
■ Sizes offered - 9, 15, 21, 25, 31, 35, 51, and 100 (metal shell only).
■ All products are qualified to the requirements of MIL-C-83513 and marked with
the M83513 part number.
■ Optional shell platings and insulator materials offer high performance in harsh
environments.
■ Mounting hardware per MIL-C-83513.
Insulator: UL94V-0 rated glass-filled polyester per MIL-M-24519 or
diallyl phthalate (DAP) per MIL-M-14.
Contacts: Pins - Copper alloy, Sockets - Copper alloy
Contact Plating: .000050 in gold per MIL-G-45204
Shell Material (Metal Shell Only): Aluminum alloy
Shell Plating (Metal Shell Only): Yellow chromate over cadmium
(std.) or electroless nickel
Current Rating:
3 Amps maximum
Withstanding Voltage:
600 VAC RMS @ sea level
Contact Resistance:
8 milliohms maximum
Operating Temperature: -55°C to +125°C
Durability: 500 mate/unmate cycles
Individual Contact: Forces 6 oz. (170.40 g) maximum insertion;
0.5 oz. (14.20 g) minimum withdrawal
Mating / Unmating Force: See table
Dura-Con
High Reliability
MIL-C-83513
.050" (1.27mm) Density
Solder Cup/Wire
D-Microminiature
Maximum
Minimum
No. of
Mating Force
Unmating Force
Contacts
Lb.
Kg
Lb.
Kg
9
5.63
2.56
.28
.13
15
9.38
4.26
.47
.21
21
13.13
5.96
.66
.30
25
15.63
7.10
.78
.35
31
19.38
8.80
.97
.44
37
23.13
10.50
1.16
.53
51
31.88
14.47
1.59
.72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com