Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DCDM9SSB Datasheet HTML 1Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 2Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 3Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 4Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 5Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 6Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 7Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 8Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
5
5-1
Dura-Con
Introduction
Cinch Dura-ConTM connectors are designed for applications that require a rugged, durable, and high-performance interconnect.
Dura-Con is the ideal connector for applications where weight and space must be kept to a minimum while maintaining maximum
reliability. Miniaturized airborne electronics and data processing equipment, where shorter signal paths are needed, represent
typical applications for these unique connectors.
The heart of the Dura-Con system is the Dura-Con pin contact. The Cinch Dura-Con pin contact is made from a precision minia-
ture spring cable with a welded tip. The expanded cable provides seven spring members peripherally around the pin so that con-
tact is maintained with the mating socket wall no matter what radial forces are applied. This spring may be flexed many times
without any evidence of metal fatigue. Reliable mating is further ensured by protecting the pin contact in a tightly toleranced
recessed cavity.
Cinch’s family of Dura-Con connectors includes MIL-C-83513 Series connectors along with our own commercial equivalents.
The commercial Dura-Con product line offers an expanded range of termination and hardware options for all-plastic and metal
shell wire versions and right-angle and straight PC board mount “terminal blocks”. Cinch also packages the Dura-Con contact
in a very low profile plastic strip connector on .050" centers and in a line of high-density microminiature edge (Microedge) board
connectors that meet the requirements of MIL-C-55302. Cinch has created a line of plastic and metal shell Dura-Con
connector savers for very high mating cycle applications such as test equipment.
Termination Options:
Cinch offers the following termination methods for its Dura-Con connectors:
Insulated Wire - Insulated wire is crimped to the Dura-Con contacts then epoxy backpotted at the factory. Wire is available in
standard lengths of 18, 24, 36, and 48 inches.
Uninsulated Wire - 24 AWG, gold-plated, uninsulated wire is crimped to the Dura-Con contact at the factory. Wire is available in
standard lengths of 0.5, 1.0, and 2.0 inches. This option allows the user greater flexibility when installing the connector.
Solder Cup - For applications that require the lowest contact resistance, Cinch offers Dura-Con connectors with solder cups for
termination by the user.
Call Toll Free: 1 (800) 323-9612
Dura-Con is a trademark of Cinch Connectors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com