Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button DCDM9SSB Datasheet HTML 11Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 12Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 13Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 14Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 15Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 16Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 17Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 18Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
Cinch Dura-Con D
Connector
Insulator Type
C = Diallyl Phthalate
Glass Reinforced
D = Thermoplastic
Glass Reinforced
Mounting Type
M = Screw Mount Metal Shell
No. of Contacts
9, 15, 21, 25, 31, 37, 51, & 100
Contact Type
P = Pin (Plug)
S = Socket (Receptacle)
5-15
Call Toll Free: 1 (800) 323-9612
Dura-Con
High Reliability
Metal Shell
.050" (1.27mm) Density
PCB Mount Terminal Block
Ordering Information
DC D M 25 S BR -- --
* For other options consult factory.
Shell Finish*
No Letter = Standard Yellow
Chromate over Cadmium
N = Electroless Nickel
Hardware*
No Letter = Less Hardware
P = Jackpost
Termination Style
BR = 90° PCB
BS = Straight 180° PCB
CBR = 90° Narrow Profile PCB
Contact Arrangements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com