Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DCDM9SSB Datasheet HTML 7Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 8Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 9Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 10Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 11Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 12Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 13Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 14Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
5-11
Dura-Con
High Reliability
Metal Shell
.050" (1.27mm) Density
Solder Cup/Wire
D-Microminiature
AB
C
D
Figure
+.004
(.101)
+.004
(.101)
+.005
(.127)
+.005
(1.27)
No. of
Number
-.000
(.000)
-.000
(.000)
-.000
(.000)
-.000
(.000)
Contacts
in
mm
in
mm
in
mm
in
mm
1
.408
10.36
.270
6.86
.570
14.48
-
-
9
2
.408
10.36
.256
6.50
.570
14.48
.089
2.26
3
-
-
-
-
.570
14.48
-
-
1
.558
14.17
.270
6.86
.720
18.29
-
-
15
2
.558
14.17
.256
6.50
.720
18.29
.089
2.26
3
-
-
-
-
.720
18.29
-
-
1
.708
17.98
.270
6.86
.870
22.10
-
-
21
2
.708
17.98
.256
6.50
.870
22.10
.089
2.26
3
-
-
-
-
.870
22.10
-
-
1
.808
20.52
.270
6.86
.970
24.64
-
-
25
2
.808
20.52
.256
6.50
.970
24.64
.089
2.26
3
-
-
-
-
.970
24.64
-
-
1
.958
24.33
.270
6.86
1.120
28.45
-
-
31
2
.958
24.33
.256
6.50
1.120
28.45
.089
2.26
3
-
-
-
-
1.120
28.45
-
-
1
1.108
28.14
.270
6.86
1.270
32.26
-
-
37
2
1.108
28.14
.256
6.50
1.270
32.26
.089
2.26
3
-
-
-
-
1.270
32.26
-
-
1
1.058
26.87
.315
8.00
1.220
30.99
-
-
51
2
1.058
26.87
.300
7.62
1.220
30.99
.089
2.26
3
-
-
-
-
1.220
30.99
-
-
1
1.450
36.84
.361
9.17
1.805
45.86
.117
2.97
100
2
1.562
39.68
.338
8.58
1.805
45.86
.117
2.97
3
-
-
-
-
1.805
45.86
.117
2.97
Panel Mounting Dimensions
Panel Cutout Dimensions
5
Call Toll Free: 1 (800) 323-9612



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com