Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button DCDM9SSB Datasheet HTML 23Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 24Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 25Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 26Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 27Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 28Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 29Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 30Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
5-28
5
Call Toll Free: 1 (800) 323-9612
Dura-Con
High Reliability
MIL-C-83513
.050" (1.27mm) Density
Solder Cup/Wire/PCB
D-Microminiature
AB
C
F
No. of
Max.
± .007 (0.18)
± .005 (0.13)
Max.
Contacts
in
mm
in
mm
in
mm
in
mm
9 Plug
1.390
35.31
1.150
29.21
.565
14.35
.465
11.81
9 Socket
1.390
35.31
1.150
29.21
.565
14.35
.465
11.81
15 Plug
1.540
39.12
1.300
33.02
.715
18.16
.465
11.81
15 Socket
1.540
39.12
1.300
33.02
.715
18.16
.465
11.81
21 Plug
1.690
42.93
1.450
36.83
.865
21.97
.465
11.81
21 Socket
1.690
42.93
1.450
36.83
.865
21.97
.465
11.81
25 Plug
1.790
45.47
1.550
39.37
.965
24.51
.465
11.81
25 Socket
1.790
45.47
1.550
39.37
.965
24.51
.465
11.81
31 Plug
2.040
51.82
1.800
45.72
1.115
28.32
.465
11.81
31 Socket
2.040
51.82
1.800
45.72
1.115
28.32
.465
11.81
37 Plug
2.340
59.44
2.100
53.34
1.265
32.13
.465
11.81
37 Socket
2.340
59.44
2.100
53.34
1.265
32.13
.465
11.81
51 Plug
1.875
47.63
1.600
40.64
1.215
30.86
.565
14.35
51 Socket
1.875
47.63
1.600
40.64
1.215
30.86
.565
14.35
100 Plug
2.780
70.61
2.500
63.50
1.800
45.72
.765
19.43
100 Socket
2.780
70.61
2.500
63.50
1.800
45.72
.765
19.43
GH
J
K
No. of
Max.
Max.
± .005 (0.13)
± .015
Contacts
in
mm
in
mm
in
mm
in
mm
9 Plug
.308
7.82
.190
4.83
.096
2.44
.125
3.18
9 Socket
.308
7.82
.200
5.08
.096
2.44
.125
3.18
15 Plug
.308
7.82
.190
4.83
.096
2.44
.125
3.18
15 Socket
.308
7.82
.200
5.08
.096
2.44
.125
3.18
21 Plug
.308
7.82
.190
4.83
.096
2.44
.125
3.18
21 Socket
.308
7.82
.200
5.08
.096
2.44
.125
3.18
25 Plug
.308
7.82
.190
4.83
.096
2.44
.125
3.18
25 Socket
.308
7.82
.200
5.08
.096
2.44
.125
3.18
31 Plug
.308
7.82
.190
4.83
.096
2.44
.125
3.18
31 Socket
.308
7.82
.200
5.08
.096
2.44
.125
3.18
37 Plug
.308
7.82
.190
4.83
.096
2.44
.125
3.18
37 Socket
.308
7.82
.200
5.08
.096
2.44
.125
3.18
51 Plug
.351
8.92
.190
4.83
.096
2.44
.125
3.18
51 Socket
.351
8.92
.200
5.08
.096
2.44
.125
3.18
100 Plug
.394
10.00
.190
4.83
.125
3.18
.225
5.72
100 Socket
.394
10.00
.200
5.08
.125
3.18
.225
5.72
NOTE: For additional connector dimensions, see page 5-22.
Recommended Board Layout
Typ. Hole Dia. = .040" (1.02 mm)
(/16-/21)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com