Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button DCDM9SSB Datasheet HTML 17Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 18Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 19Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 20Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 21Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 22Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 23Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 24Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
5-22
5
Call Toll Free: 1 (800) 323-9612
Dura-Con
High Reliability
MIL-C-83513
.050" (1.27mm) Density
Solder Cup/Wire
D-Microminiature - Metal Shell
A
B Max. (Plug)
C
D
E
F Max.
Min. (Socket)
+ .010" (.254)
No.
± .010" (.254)
- .018" (.457)
± .005" (.127)
± .010" (.254)
of Contacts
in
mm
in
mm
in
mm
in
mm
in
mm
in
mm
9 Plug
.775
19.68
.3338
8.48
.390
9.91
.565
14.35
.298
7.57
.270
6.68
9 Socket
.775
19.68
.3342
8.49
.390
9.91
.565
14.35
.298
7.57
.270
6.68
15 Plug
.925
23.50
.4838
12.29
.540
13.72
.715
18.16
.298
7.57
.270
6.68
15 Socket
.925
23.50
.4842
12.30
.540
13.72
.715
18.16
.298
7.57
.270
6.68
21 Plug
1.075
27.30
.6338
16.10
.690
17.53
.865
21.97
.298
7.57
.270
6.68
21 Socket
1.075
27.30
.6342
16.11
.690
17.53
.865
21.97
.298
7.57
.270
6.68
25 Plug
1.175
29.84
.7338
18.64
.790
20.07
.965
24.51
.298
7.57
.270
6.68
25 Socket
1.175
29.84
.7342
18.65
.790
20.07
.965
24.51
.298
7.57
.270
6.68
31 Plug
1.325
33.66
.8838
22.45
.940
23.88
1.115
28.32
.298
7.57
.270
6.68
31 Socket
1.325
33.66
.8842
22.46
.940
23.88
1.115
28.32
.298
7.57
.270
6.68
37 Plug
1.475
37.46
1.0338
26.26
1.090
27.69
1.265
32.13
.298
7.57
.270
6.68
37 Socket
1.475
37.46
1.0342
26.27
1.090
27.69
1.265
32.13
.298
7.57
.270
6.68
51 Plug
1.425
36.20
.9838
24.99
1.040
26.42
1.215
30.86
.341
8.66
.310
7.87
51 Socket
1.425
36.20
.9842
25.00
1.040
26.42
1.215
30.86
.341
8.66
.310
7.87
100 Plug
2.160
54.86
1.3838
35.15
1.432
36.38
1.800
45.71
.384
9.75
.360
9.15
100 Socket
2.160
54.86
1.3842
35.16
1.432
36.38
1.800
45.71
.384
9.75
.360
9.15
Connector Dimensions - Metal Shell
Plug
Socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com