Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button DCDM9SSB Datasheet HTML 20Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 21Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 22Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 23Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 24Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 25Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 26Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 27Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
5-25
Dura-Con
High Reliability
MIL-C-83513
.050" (1.27mm) Density
Solder Cup/Wire/PCB
D-Microminiature - Plastic
A
B Max. (Plug)
C
D
E
F Max.
Min. (Socket)
+.010" (.254)
No.
±.010" (.254)
-.018" (.457)
±.005" (.127)
±.010" (.254)
of Contacts
in
mm
in
mm
in
mm
in
mm
in
mm
in
mm
9 Plug
.778
19.76
.2918
7.41
.398
10.11
.565
14.35
.208
5.28
.173
4.39
9 Socket
.778
19.76
.2922
7.42
.398
10.11
.565
14.35
.208
5.28
.173
4.39
15 Plug
.928
23.57
.4418
11.22
.548
13.92
.715
18.16
.208
5.28
.173
4.39
15 Socket
.928
23.57
.4422
11.23
.548
13.92
.715
18.16
.208
5.28
.173
4.39
21 Plug
1.078
27.38
.5918
15.03
.698
17.73
.865
21.97
.208
5.28
.173
4.39
21 Socket
1.078
27.38
.5922
15.04
.698
17.73
.865
21.97
.208
5.28
.173
4.39
25 Plug
1.178
29.92
.6918
17.57
.798
20.27
.965
24.51
.208
5.28
.173
4.39
25 Socket
1.178
29.92
.6922
17.58
.798
20.27
.965
24.51
.208
5.28
.173
4.39
31 Plug
1.328
33.73
.8418
21.38
.948
24.08
1.115
28.32
.208
5.28
.173
4.39
31 Socket
1.328
33.73
.8422
21.39
.948
24.08
1.115
28.32
.208
5.28
.173
4.39
37 Plug
1.478
37.54
.9918
25.19
1.098
27.89
1.265
32.13
.208
5.28
.173
4.39
37 Socket
1.478
37.54
.9922
25.20
1.098
27.89
1.265
32.13
.208
5.28
.173
4.39
51 Plug
1.428
36.27
.9418
23.92
1.048
26.62
1.215
30.86
.250
6.35
.220
5.59
51 Socket
1.428
36.27
.9422
23.93
1.048
26.62
1.215
30.86
.250
6.35
.220
5.59
Shell Dimensions - (All-Plastic Version)
Plug
Socket
5
Call Toll Free: 1 (800) 323-9612



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com