Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DCDM9SSB Datasheet HTML 4Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 5Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 6Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 7Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 8Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 9Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 10Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 11Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
5-8
Dura-Con
High Reliability
Metal Shell
■ Both plug and socket available in 9, 15, 21, 25, 31, 37, 51, and 100 positions.
■ Several styles of mounting are available for cable-to-cable, cable-to-panel
mount, and cable-to-board mount.
■ Aluminum shell provides extra strength and EMI/RFI shielding capability.
Plating options available.
■ Silicone elastomer compression interfacial seal protects contacts from
moisture and humidity and isolates contacts from each other and the
metal shell.
■ Meets requirements of MIL-C-83513 except where noted.
■ Rugged twist-pin contacts resistant to shock and vibration make metal
shell Dura-Con an excellent choice for harsh environments such as airborne
or space applications.
.050" (1.27mm) Density
Solder Cup/Wire
D-Microminiature
Insulator: UL94V-0 rated glass-filled polyester or diallyl phthalate
Contacts: Pins - Copper alloy, Sockets - Copper alloy (machined)
Contact Plating: .000050 in gold
Shell: Aluminum alloy
Shell Plating: Yellow chromate over cadmium (std.) or
electroless nickel
Current Rating:
3 Amps maximum
Withstanding Voltage:
600 VAC RMS @ sea level
Contact Resistance:
8 milliohms maximum
Operating Temperature: -55°C to +135°C
Individual Contact: 6 oz. (170.40 g) maximum insertion;
0.5 oz. (14.20 g) minimum withdrawal
Mating / Unmating Force: See table
Maximum
Minimum
No. of
Mating Force
Unmating Force
Contacts
Lb.
Kg
Lb.
Kg
9
5.63
2.56
.28
.13
15
9.38
4.26
.47
.21
21
13.13
5.96
.66
.30
25
15.63
7.10
.78
.35
31
19.38
8.80
.97
.44
37
23.13
10.50
1.16
.53
51
31.88
14.47
1.59
.72
100
62.50
28.38
3.13
1.42
Call Toll Free: 1 (800) 323-9612



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com