Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button DCDM9SSB Datasheet HTML 3Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 4Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 5Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 6Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 7Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 8Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 9Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 10Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
5-7
5
Call Toll Free: 1 (800) 323-9612
Dura-Con
High Reliability
All-Plastic
.050" (1.27mm) Density
Solder Cup/Wire
D-Microminiature
Panel Mounting Dimensions
Panel Cutout Dimensions
Figure 1. Front Mounting
Figure 2. Rear Mounting
Figure 3. Edgeboard Mounting
AB
C
Figure
+.004
(.101)
+.004
(.101)
+.005
(.127)
No. of
Number
-.000
(.000)
-.000
(.000)
-.000
(.000)
Contacts
in
mm
in
mm
in
mm
1
.408
10.36
.172
4.37
.570
14.48
9
2
.373
9.47
.216
5.49
.570
14.48
3
-
-
-
-
.570
14.48
1
.558
14.17
.172
4.37
.720
18.29
15
2
.523
13.28
.216
5.49
.720
18.29
3
-
-
-
-
.720
18.29
1
.708
17.98
.172
4.37
.870
22.10
21
2
.674
17.12
.216
5.49
.870
22.10
3
-
-
-
-
.870
22.10
1
.808
20.52
.172
4.37
.970
24.64
25
2
.774
19.66
.216
5.49
.970
24.64
3
-
-
-
-
.970
24.64
1
.958
24.33
.172
4.37
1.120
28.45
31
2
.924
23.47
.216
5.49
1.120
28.45
3
-
-
-
-
1.120
28.45
1
1.108
28.14
.172
4.37
1.270
32.26
37
2
1.074
27.28
.216
5.49
1.270
32.26
3
-
-
-
-
1.270
32.26
1
1.058
26.87
.215
5.46
1.220
30.99
51
2
1.024
26.01
.259
6.58
1.220
30.99
3
-
-
-
-
1.220
30.99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com