Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button DCDM9SSB Datasheet HTML 2Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 3Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 4Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 5Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 6Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 7Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 8Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 9Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
5-6
5
Call Toll Free: 1 (800) 323-9612
Dura-Con
High Reliability
All-Plastic
.050" (1.27mm) Density
Solder Cup/Wire
D-Microminiature
A
B Max.
C
D
E
F Max.
+.010 (.254)
No. of
+ .010 (.254)
-.018 (.457)
+.005 (.127)
+.010 (.254)
Contacts
in
mm
in
mm
in
mm
in
mm
in
mm
in
mm
9 Plug
.778
19.76
.292
7.42
.398
10.11
.565
14.35
.208
5.28
.173
4.39
9 Socket
.778
19.76
.376
9.55
.398
10.11
.565
14.35
.208
5.28
.173
4.39
15 Plug
.928
23.57
.442
11.23
.548
13.92
.715
18.16
.208
5.28
.173
4.39
15 Socket
.928
23.57
.526
13.36
.548
13.92
.715
18.16
.208
5.28
.173
4.39
21 Plug
1.078
27.38
.592
15.04
.698
17.73
.865
21.97
.208
5.28
.173
4.39
21 Socket
1.078
27.38
.676
17.17
.698
17.73
.865
21.97
.208
5.28
.173
4.39
25 Plug
1.178
29.92
.692
17.58
.798
20.27
.965
24.51
.208
5.28
.173
4.39
25 Socket
1.178
29.92
.776
19.71
.798
20.27
.965
24.51
.208
5.28
.173
4.39
31 Plug
1.328
33.73
.842
21.39
.948
24.08
1.115
28.32
.208
5.28
.173
4.39
31 Socket
1.328
33.73
.926
23.52
.948
24.08
1.115
28.32
.208
5.28
.173
4.39
37 Plug
1.478
37.54
.992
25.20
1.098
27.89
1.265*
32.13
.208
5.28
.173
4.39
37 Socket
1.478
37.54
1.076
27.33
1.098
27.89
1.265*
32.13
.208
5.28
.173
4.39
51 Plug
1.428
36.27
.942
23.93
1.048
26.62
1.215
30.86
.250
6.35
.220
5.59
51 Socket
1.428
36.27
1.026
26.06
1.048
26.62
1.215
30.86
.250
6.35
.220
5.59
Connector Dimensions - Plastic Shell
Plug
Socket



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com