Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button DCDM9SSB Datasheet HTML 29Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 30Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 31Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 32Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 33Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 34Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 35Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 36Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 37Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
5-37
5
Call Toll Free: 1 (800) 323-9612
Series Prefix
DMEB = Microedgeboard
DNEB = Microedgeboard, Narrow (184 Only)
Contact Spacing
1 = .050" (1.27mm) centers
128/184
2 = .100" (2.54mm) centers
64/92 (every other contact hole)
For other contact spacing accommodations, consult the factory.
No. of Contacts
128, 184
Contact Type
P = Pin
S = Socket
Wire Size in AWG
5 = 25 AWG Solid Copper
6 = 26 AWG Stranded Wire
S = Solder Cup
Dura-Con
High Reliability
Microedge Connectors
184 Contact Plug (Standard Insulated Wire)
Side View
Shell Polarization Kit
* Narrow Version (DNEB) .250 Wide
Order No.
“L”
Used On
DNEBP0L1
.250
DNEB Narrow Only
DMEBP0L1
.312
DMEB Std. Width
Mounting Hardware
Removable Jackscrew/Jackpost
Assembly
Standard Jackscrew/Jackpost Assembly
Key
Plug with Jackscrew
Receptacle with Jackscrew
Ordering Information
DMEB 1-128 P 6 E 2 180
*Indicates Cinch std Option
Lead Length in Inches
Termination,
Color of Finish
1 = White
*2 = Yellow
3 = Tin-Plated
*4 = Gold-Plated (Solid Copper Wire Only)
*5 = Color Coded per MIL-Std. 681, System 1
Wire Type/Termination Style
C = Solid Copper
E = MIL-W-16878/4, 7 Strand
BS = PC Board (Coke Bottle)
BRA = PC Board Right-Angle (Formed to “A” Side)
BRB = PC Board Right-Angle (Formed to “B” Side)
W = PC Board (Claw Foot)
Consult factory if required.
L
.050" (1.27mm) Density
PC Board Mount
Metal Shell



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com