Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button DCDM9SSB Datasheet HTML 26Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 27Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 28Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 29Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 30Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 31Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 32Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 33Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
5-31
5
Call Toll Free: 1 (800) 323-9612
Dura-Con
High Reliability
MIL-C-83513
.050" (1.27mm) Density
Solder Cup/Wire/PCB
D-Microminiature
Ordering Information
Military
Type
Style
Screwhead
Thread
Part No.
Jackscrew
Low Profile
Recessed Hex
2/56
M83513/5-02
Jackscrew
High Profile
Recessed Hex
2/56
M83513/5-03
Jackscrew
Low Profile
Slotted
2/56
M83513/5-05
Jackscrew
High Profile
Slotted
2/56
M83513/5-06
Jackpost
--
--
2/56
M83513/5-07
Jackscrew
Low Profile
Hex
4/40*
M83513/5-12
Jackscrew
High Profile
Hex
4/40*
M83513/5-13
Jackscrew
Low Profile
Slotted
4/40*
M83513/5-15
Jackscrew
High Profile
Slotted
4/40*
M83513/5-16
Jackpost
--
--
4/40*
M83513/5-17
*100 Size Only
Mounting Hardware



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com