Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DCDM9SSB Datasheet HTML 9Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 10Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 11Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 12Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 13Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 14Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 15Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 16Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
5-13
5
Call Toll Free: 1 (800) 323-9612
Dura-Con
High Reliability
Mounting Hardware
.050" (1.27mm) Density
Solder Cup/Wire
D-Microminiature
Jackpost - Rear Panel Mount
(Purchased Separately)
Panel Cutout Dimensions
(Plug & Receptacle)
P/N: DCSL1
Purchased Separately
Jackpost
Part
Panel Thickness
A Dimension
Number
in
mm
in
mm
DCJPRM094
.094
2.5
.092/.087
2.34/2.21
DCJPRM063
.063
1.6
.061/.056
1.55/1.42
DCJPRM047
.047
1.2
.047/.042
1.19/1.07
DCJPRM031
.031
0.8
.030/.025
0.76/0.64
Part
A
B
C
Number
+.004 (.101)
+.004 (.101)
(by Shell
-.000 (.000)
-.000 (.000)
+.005 (.127)
Size)
in
mm
in
mm
in
mm
9
.398
10.11
.249
6.32
.565
14.35
15
.548
13.92
.249
6.32
.715
18.16
21
.698
17.73
.249
6.32
.865
21.97
25
.798
20.27
.249
6.32
.965
24.51
31
.948
24.08
.249
6.32
1.115
28.34
37
1.098
27.89
.249
6.32
1.265
32.13
51
1.048
26.62
.292
7.42
1.215
30.86
100
1.448
36.78
.336
8.53
1.800
45.72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com