Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCDM9SSB Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # DCDM9SSB
Description  Dura-Con High Reliability All-Plastic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCDM9SSB Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button DCDM9SSB Datasheet HTML 14Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 15Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 16Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 17Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 18Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 19Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 20Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 21Page - List of Unclassifed Manufacturers DCDM9SSB Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
5-18
Call Toll Free: 1 (800) 323-9612
5
Dura-Con
High Reliability
Metal Shell
.050" (1.27mm) Density
PCB Mount Terminal Block
AB
C
No. of
Max.
+ .005 (0.13)
Max.
Contacts
in
mm
in
mm
in
mm
9 Plug
.785
19.94
.565
14.35
.308
7.82
9 Socket
.785
19.94
.565
14.35
.308
7.82
15 Plug
.935
23.75
.715
18.16
.308
7.82
15 Socket
.935
23.75
.715
18.16
.308
7.82
21 Plug
1.085
27.56
.865
21.97
.308
7.82
21 Socket
1.085
27.56
.865
21.97
.308
7.82
25 Plug
1.085
30.10
.965
24.51
.308
7.82
25 Socket
1.185
30.10
.965
24.51
.308
7.82
31 Plug
1.335
33.91
1.115
28.32
.308
7.82
31 Socket
1.335
33.91
1.115
28.32
.308
7.82
37 Plug
1.485
37.72
1.265
32.13
.308
7.82
37 Socket
1.485
37.72
1.265
32.13
.308
7.82
51 Plug
1.435
36.45
1.215
30.86
.351
8.92
51 Socket
1.435
36.45
1.215
30.86
.351
8.92
100 Plug
2.175
55.25
1.800
45.72
.394
10.00
100 Socket
2.175
55.25
1.800
45.72
.394
10.00
FG
H
J
No. of
+ .010 (0.25)
+ .010 (0.25)
Max.
+ .005 (0.13)
Contacts
in
mm
in
mm
in
mm
in
mm
9 Plug
.230
5.84
.250
6.35
.420
10.67
.096
2.44
9 Socket
.230
5.84
.250
6.35
.420
10.67
.096
2.44
15 Plug
.130
3.30
.250
6.35
.420
10.67
.096
2.44
15 Socket
.130
3.30
.250
6.35
.420
10.67
.096
2.44
21 Plug
.130
3.30
.250
6.35
.420
10.67
.096
2.44
21 Socket
.130
3.30
.250
6.35
.420
10.67
.096
2.44
25 Plug
.130
3.30
.250
6.35
.420
10.67
.096
2.44
25 Socket
.130
3.30
.250
6.35
.420
10.67
.096
2.44
31 Plug
.130
3.30
.250
6.35
.520
13.21
.996
2.44
31 Socket
.130
3.30
.250
6.35
.520
13.21
.096
2.44
37 Plug
.130
3.30
.250
6.35
.520
13.21
.096
2.44
37 Socket
.130
3.30
.250
6.35
.520
13.21
.096
2.44
51 Plug
.150
3.81
.300
7.62
.650
16.51
.096
2.44
51 Socket
.150
3.81
.300
7.62
.650
16.51
.096
2.44
100 Plug
.200
5.08
.400
10.16
1.000
25.40
.125
3.18
100 Socket
.200
5.08
.400
10.16
1.000
25.40
.125
3.18
NOTE: For additional connector dimensions, see page 5-10.
Recommended Board Layout
Typ. Hole Dia. = .040" (1.02 mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com