Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 7Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 8Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 9Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 10Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 11Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 12Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 13Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 14Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 11
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4. Functional description
BMM150 is a triaxial standalone geomagnetic sensor (Sensing element and ASIC) in chip scale
wafer level package and can be operated via I2C or SPI as a slave device.
4.1 Power management
The BMM150 has two distinct power supply pins:
• VDD is the main power supply for all internal analog and digital functional blocks;
• VDDIO is a separate power supply pin, used for the supply of the digital interface as well as the
digital logic.
The device can be completely switched off (VDD = 0V) while keeping the VDDIO supply on (VDDIO >
0V) or vice versa.
It is absolutely prohibited to keep any interface at a logical high level when VDDIO is switched off.
Such a configuration will permanently damage the device (i.e. if VDDIO = 0  [SDI & SDO & SCK
& CSB] ≠ high).
The device contains a power on reset (POR) generator. It resets the logic part and the register
values of the concerned ASIC after powering-on VDD and VDDIO. Please note, that all application
specific settings which are not equal to the default settings (refer to register maps in chapter
5.2), must be re-set to its designated values after POR.
In case the I²C interface is used, a direct electrical connection between VDDIO supply and the PS
pin is recommended in order to ensure reliable protocol selection.
4.2 Power modes
The BMM150 features configurable power modes. The BMM150 magnetometer part has four
power modes:In the following chapters, power modes are described.
4.2.1 Power off mode
In Power off mode, VDD and/or VDDIO are unpowered and the device does not operate. When
only one of VDD or VDDIO is supplied, the magnetic sensor will still be in Power off mode. Power
on reset is performed after both VDD and VDDIO raised above their detection thresholds.
4.2.2 Suspend mode
Suspend mode is the default power mode of BMM150 after the chip is powered. When VDD and
VDDIO are turned on the POR (power on reset) circuits operate and the device’s registers are
initialized. After POR becomes inactive, a start up sequence is executed. In this sequence NVM
content is downloaded to shadow registers located in the device core. After the start up
sequence the device is put in the Suspend mode. In this mode only registers which store power
control bit information and SPI3 wire enable can be accessed by the user. No other registers
can be accessed in Suspend mode. All registers lose their content, except the control register
(0x4B). In particular, in this mode a Chip ID read (register 0x40) returns “0x00” (I²C) or high-Z
(SPI).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com