Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 24Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 25Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 26Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 27Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 28Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 29Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 30Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 31Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 28
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
5.7 Interrupt and axis enable settings control registers
Register (0x4D) contains control bits for interrupt settings. (Also refer to chapter 4.6 for the
details of magnetometer interrupt operation).
Table 19: Interrupt settings control register (0x4D)
(0x4D) Bit
Name
Description
Bit 7
Data Overrun En
Enables data overrun indication in the “Data Overrun”
flag (active high, default is “0” disabled)
Bit 6
Overflow Int En
Activates mapping of Overflow flag status to the INT pin
(active high, default is “0” disabled)
Bit 5
High Int Z En
Enables the z-axis detection for High-Threshold
interrupts (active low, default is “1” disabled)
Bit 4
High Int Y En
Enables the y-axis detection for High-Threshold
interrupts (active low, default is “1” disabled)
Bit 3
High Int X En
Enables the x-axis detection for High-Threshold
interrupts (active low, default is “1” disabled)
Bit 2
Low Int Z En
Enables the z-axis detection for Low-Threshold
interrupts (active low, default is “1” disabled)
Bit 1
Low Int Y En
Enables the y-axis detection for Low-Threshold
interrupts (active low, default is “1” disabled)
Bit 0
Low Int X En
Enables the x-axis detection for Low-Threshold
interrupts (active low, default is “1” disabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com