Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 34Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 35Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 36Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 37Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 38Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 39Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 40Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 41Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 38
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Figure 13 the definition of the I²C timings given in Table 31:
Figure 13: I²C timing diagram
The I²C protocol works as follows:
START: Data transmission on the bus begins with a high to low transition on the SDA line while
SCL is held high (start condition (S) indicated by I²C bus master). Once the START signal is
transferred by the master, the bus is considered busy.
STOP: Each data transfer should be terminated by a Stop signal (P) generated by master. The
STOP condition is a low to HIGH transition on SDA line while SCL is held high.
ACK: Each byte of data transferred must be acknowledged. It is indicated by an acknowledge
bit sent by the receiver. The transmitter must release the SDA line (no pull down) during the
acknowledge pulse while the receiver must then pull the SDA line low so that it remains stable
low during the high period of the acknowledge clock cycle.
In the following diagrams these abbreviations are used:
S
Start
P
Stop
ACKS
Acknowledge by slave
ACKM
Acknowledge by master
NACKM
Not acknowledge by master
RW
Read / Write
A START immediately followed by a STOP (without SCK toggling from logic “1” to logic “0”) is
not supported. If such a combination occurs, the STOP is not recognized by the device.
tHDDAT
tf
tBUF
S
D
A
S
C
L
S
D
A
tLOW
tHDSTA
tr
tSUST
A
tHIGH
tSUDAT
tSUSTO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com