Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 26Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 27Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 28Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 29Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 30Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 31Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 32Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 33Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 30
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register (0x50) contains the High-Threshold interrupt threshold setting. (Also refer to chapter 0
for the details of magnetometer interrupt operation and the threshold setting).
Table 22: High-threshold interrupt threshold setting control register (0x4F)
(0x50) Bit
Name
Description
Bit 7
HighThreshold <7>
Bit 7 of High-Threshold interrupt threshold setting
Bit 6
HighThreshold <6>
Bit 6 of High-Threshold interrupt threshold setting
Bit 5
HighThreshold <5>
Bit 5 of High-Threshold interrupt threshold setting
Bit 4
HighThreshold <4>
Bit 4 of High-Threshold interrupt threshold setting
Bit 3
HighThreshold <3>
Bit 3 of High-Threshold interrupt threshold setting
Bit 2
HighThreshold <2>
Bit 2 of High-Threshold interrupt threshold setting
Bit 1
HighThreshold <1>
Bit 1 of High-Threshold interrupt threshold setting
Bit 0
HighThreshold <0>
Bit 0 of High-Threshold interrupt threshold setting
5.8 Number of repetitions control registers
Register (0x51) contains the number of repetitions for x/y-axis. Table 24 below shows the
number of repetitions resulting out of the register configuration. The performed number of
repetitions nXY can be calculated from unsigned register value as nXY = 1+2xREPXY as shown
below, where b7-b0 are the bits 7 to 0 of register 0x51:
)
(
)
(
REPXY
b
b
b
b
b
b
b
b
nXY
2
1
2
0
2
1
2
2
2
3
2
4
2
5
2
6
2
7
2
1
0
1
2
3
4
5
6
7
Table 23: X/y-axis repetitions control register (0x51)
(0x51) Bit
Name
Description
Bit 7
REPXY <7>
Bit 7 of number of repetitions (valid for XY)
Bit 6
REPXY <6>
Bit 6 of number of repetitions (valid for XY)
Bit 5
REPXY <5>
Bit 5 of number of repetitions (valid for XY)
Bit 4
REPXY <4>
Bit 4 of number of repetitions (valid for XY)
Bit 3
REPXY <3>
Bit 3 of number of repetitions (valid for XY)
Bit 2
REPXY <2>
Bit 2 of number of repetitions (valid for XY)
Bit 1
REPXY <1>
Bit 1 of number of repetitions (valid for XY)
Bit 0
REPXY <0>
Bit 0 of number of repetitions (valid for XY)
Table 24: Numbers of repetition for x/y-axis depending on value of register (0x51)
(0x51)
register
value
(binary)
(0x51)
register
value
(hex)
Number of repetitions for x- and y-axis each
00000000b
0x00h
1
00000001b
0x01h
3
00000010b
0x02h
5
00000011b
0x03h
7
…
…
11111111b
0xFFh
511



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com