Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 21Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 22Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 23Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 24Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 25Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 26Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 27Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 28Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 25
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register (0x47) contains the MSB part of z-axis magnetic field data.
Table 11: MSB part of z-axis magnetic field, register (0x47)
(0x47) Bit
Name
Description
Bit 7
DATAZ_msb <14>
Bit 14 of y-axis magnetic field data = z MSB
Bit 6
DATAZ_msb <13>
Bit 13 of y-axis magnetic field data
Bit 5
DATAZ_msb <12>
Bit 12 of y-axis magnetic field data
Bit 4
DATAZ_msb <11>
Bit 11 of y-axis magnetic field data
Bit 3
DATAZ_msb <10>
Bit 10 of y-axis magnetic field data
Bit 2
DATAZ_msb <9>
Bit 9 of y-axis magnetic field data
Bit 1
DATAZ_msb <8>
Bit 8 of y-axis magnetic field data
Bit 0
DATAZ_msb <7>
Bit 7 of y-axis magnetic field data
Register (0x48) contains the LSB part of hall resistance and the Data Ready (DRDY) status bit.
Table 12: LSB part of hall resistance, register (0x48)
(0x48) Bit
Name
Description
Bit 7
RHALL_lsb <5>
Bit 5 of hall resistance
Bit 6
RHALL_lsb <4>
Bit 4 of hall resistance
Bit 5
RHALL_lsb <3>
Bit 3 of hall resistance
Bit 4
RHALL_lsb <2>
Bit 2 of hall resistance
Bit 3
RHALL_lsb <1>
Bit 1 of hall resistance
Bit 2
RHALL_lsb <0>
Bit 0 of hall resistance = RHALL LSB
Bit 1
-
(fixed to 0)
Bit 0
Data Ready Status
Data ready (DRDY) status bit
Register (0x49) contains the MSB part of hall resistance.
Table 13: MSB part of hall resistance, register (0x49)
(0x49) Bit
Name
Description
Bit 7
RHALL_msb <13>
Bit 13 of hall resistance = RHALL MSB
Bit 6
RHALL_msb <12>
Bit 12 of hall resistance
Bit 5
RHALL_msb <11>
Bit 11 of hall resistance
Bit 4
RHALL_msb <10>
Bit 10 of hall resistance
Bit 3
RHALL_msb <9>
Bit 9 of hall resistance
Bit 2
RHALL_msb <8>
Bit 8 of hall resistance
Bit 1
RHALL_msb <7>
Bit 7 of hall resistance
Bit 0
RHALL_msb <6>
Bit 6 of hall resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com