Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 3Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 4Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 5Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 6Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 7Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 8Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 9Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 10Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 7
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
ODR=10Hz
IDD,ha,m
High accuracy
preset
Nominal VDD
supplies
TA=25°C,
ODR=20Hz
4.9
mA
Supply Current in
Suspend Mode
IDDsm,m
Nominal VDD/VDDIO
supplies, TA=25°C
1
3
µA
Peak supply
current in Active
Mode
IDDpk,m
In measurement
phase
Nominal VDD
supplies
TA=25°C
18
20
mA
Peak logic supply
current in active
mode
IDDIOpk,m
Only during
measurement
phase
Nominal VDDIO
supplies
TA=25°C
210
270
µA
POR time
tw_up,m
from OFF to
Suspend; time
starts when
VDD>1.5V and
VDDIO>1.1V
1.0
ms
Start-Up Time
ts_up,m
from Suspend to
sleep
3.0
ms
1.2 Magnetometer output signal specification
MAGNETOMETER OUTPUT SIGNAL
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Device
Resolution
Dres,m
TA=25°C
0.3
µT
Gain error4
Gerr,m
After API
compensation
TA=25°C
Nominal VDD supplies
±2
±5
%
Sensitivity
Temperature
Drift
TCSm
After API
compensation
-40°C ≤ TA ≤ +85°C
Nominal VDD supplies
±0.01
±0.03
%/K
Zero-B offset
OFFm
TA=25°C
±40
µT
Zero-B offset
OFFm,cal
After software
±2
µT
4 Definition: gain error = ( (measured field after API compensation) / (applied field) ) - 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com