Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 37Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 38Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 39Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 40Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 41Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 42Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 43Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 44Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 41
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
7. Pin-out and connection diagram
7.1 Pin-out
Figure 16 depicts the bump association. The arrows indicate the A1 marking.
Figure 16: Pin-out bottom view,
Pin-out top view
Table 32: Pin description
Pin
Name
I/O Type
Description
Connect to
SPI 4W
SPI 3W
I²C
A1
PS
In
Protocol select
GND
GND
VDDIO
D2
INT
Out
Interrupt output
INT input or DNC if unused
A5
CSB
In
Chip Select
CSB
CSB
GND for default
address
C5
GND
Supply
Ground
GND
E1
GND
Supply
Ground
GND
D4
DRDY
Out
Data ready
DRDY input or DNC if unused
C1
SDO
Out
SPI: Data out
SDO /
MISO
DNC
(float)
GND for default
address
B4
SDI
In/Out
SPI: Data,
I²C: Data
SDI /
MOSI
SDI/SDO
SDA
E3
GND
Supply
Ground
GND
E5
VDD
Supply
Supply voltage
VDD
B2
VDDIO
Supply
I/O voltage
VDDIO
A3
SCK
In
Serial clock
SCK
SCK
SCL
SDO
GND
VDDIO
INT
GND
SCK
SDI
CSB
GND
DRY
A1 corner
VDD
PS
1
2
3
4
5
A
B
C
D
E
GND
SDO
PS
VDDIO
SCK
GND
DRY
SDI
VDD
GND
CSB
INT
5
4
3
2
1
A
B
C
D
E
A1 corner
BOTTOMVIEW
(Bumps visible)
TOP VIEW
(Bumps not visible)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com