Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 2Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 3Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 4Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 5Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 6Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 7Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 8Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 9Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 6
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
1. Specification
If not stated otherwise, the given values are over lifetime and full performance temperature and
voltage ranges, minimum/maximum values are ±3
.
1.1 Electrical operation conditions
Table 1: Electrical parameter specification
OPERATING CONDITIONS
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Supply Voltage
Internal Domains
VDD
1.62
2.4
3.6
V
Supply Voltage
I/O Domain
VDDIO
1.2
1.8
3.6
V
Voltage Input
Low Level
VIL,a
SPI & I²C
0.3VDDIO
-
Voltage Input
High Level
VIH,a
SPI & I²C
0.7VDDIO
-
Voltage Output
Low Level
VOL
VDDIO = 1. 2V
IOL = 3mA, SPI & I²C
0.2VDDIO
-
Voltage Output
High Level
VOH
VDDIO = 1.62V
IOH = 2mA, SPI & I²C
0.8VDDIO
-
Magnetic field
range
Brg,xy
TA=25°C
1
±1200
±1300
µT
Brg,z
±2000
±2500
µT
Magnetometer
heading accuracy
2
Acheading
30µT horizontal
geomagnetic field
component,
TA=25°C
±2.5
deg
Supply Current in
Active
Mode
(average)3
IDD,lp,m
Low power preset
Nominal VDD
supplies
TA=25°C,
ODR=10Hz
170
µA
IDD,rg,m
Regular preset
Nominal VDD
supplies
TA=25°C,
ODR=10Hz
0.5
mA
IDD,eh,m
Enhanced regular
preset
Nominal VDD
supplies
TA=25°C,
0.8
mA
1 Full linear measurement range considering sensor offsets.
2 The heading accuracy depends on hardware and software. A fully calibrated sensor and ideal
tilt compensation are assumed.
3 For details on magnetometer current consumption calculation refer to chapter 4.2.1 and 4.2.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com