Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  BMM150 Datasheet HTML 1Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 2Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 3Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 4Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 5Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 6Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 7Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 8Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 3
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
General Description
The BMM150 is a standalone geomagnetic sensor for consumer market applications. It allows
measurements of the magnetic field in three perpendicular axes. Based on Bosch’s proprietary
FlipCore technology, performance and features of BMM150 are carefully tuned and perfectly
match the demanding requirements of all 3-axis mobile applications such as electronic
compass, navigation or augmented reality.
An evaluation circuitry (ASIC) converts the output of the geomagnetic sensor to digital results
which can be read out over the industry standard digital interfaces (SPI and I2C).
Package and interfaces of the BMM150 have been designed to match a multitude of hardware
requirements. As the sensor features an ultra-small footprint and a flat package, it is ingeniously
suited for mobile applications. The wafer level chip scale package (WLCSP) with dimensions of
only 1.56 x 1.56 x 0.6 mm3 ensures high flexibility in PCB placement.
The BMM150 offers ultra-low voltage operation (VDD voltage range from 1.62V to 3.6V, VDDIO
voltage range 1.2V to 3.6V) and can be programmed to optimize functionality, performance and
power consumption in customer specific applications. The programmable interrupt engine gives
design flexibility to the developer.
The BMM150 senses the three axis of the terrestrial field in cell phones, handhelds, computer
peripherals, man-machine interfaces, virtual reality features and game controllers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com