Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 37 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 37 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 33Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 34Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 35Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 36Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 37Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 38Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 39Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 40Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 41Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 37
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
The timing specification for I²C of the BMM150 is given in Table 31:
Table 31: I²C timings7.
Parameter
Symbol
Condition
Min
Max
Unit
Clock Frequency
fSCL
400
kHz
SCL Low Period
tLOW
1.3
s
SCL High Period
tHIGH
0.6
SDA Setup Time
tSUDAT
0.1
SDA Hold Time
tHDDAT
0
Setup Time for a
repeated Start
Condition
tSUSTA
0.6
Hold Time for a Start
Condition
tHDSTA
0.6
Setup Time for a Stop
Condition
tSUSTO
0.6
Time before a new
Transmission can
start
tBUF
1.3
7 fully compliant to the I2C specification”UM10204 I2C-bus specification Rev.03 – 19 June 2007”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com