Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BMM150 Datasheet HTML 1Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 2Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 3Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 4Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 5Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 6Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 7Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 8Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 2
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
BMM150
THREE-AXIS GEOMAGNETIC SENSOR
Key features
Three-axis magnetic field sensor
 Ultra-Small package
Wafer Level Chip Scale Package
(12 pins, 0.4mm diagonal ball pitch)
footprint 1.56 x 1.56 mm2, height 0.6 mm
 Digital interface
SPI (4-wire, 3-wire), I²C, 4, 2 interrupt pins
 Low voltage operation
VDD supply voltage range: 1.62V to 3.6V
VDDIO interface voltage range: 1.2V to 3.6V
 Flexible functionality
Magnetic field range typical:
±1300µT (x, y-axis), ±2500µT (z-axis)
Magnetic field resolution of ~0.3µT
 On-chip interrupt controller
Interrupt-signal generation for
- new data
- magnetic Low-/High-Threshold detection
 Ultra-low power
Low current consumption (170µA @ 10 Hz in low power
preset), short wake-up time, advanced features for system
power management
 Temperature range
-40 °C … +85 °C
 RoHS compliant, halogen-free
Typical applications
 Magnetic heading information
 Tilt-compensated electronic compass for map rotation, navigation and augmented reality
 Gyroscope calibration in 9-DoF applications for mobile devices
 In-door navigation, e.g. step counting in combination accelerometer
 Gaming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com