Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 31 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 31 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 27Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 28Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 29Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 30Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 31Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 32Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 33Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 34Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 35Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 31
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register (0x52) contains the number of repetitions for z-axis.
Table 26 below shows the number of repetitions resulting out of the register configuration. The
performed number of repetitions nZ can be calculated from unsigned register value as nZ =
1+REPZ as shown below, where b7-b0 are the bits 7 to 0 of register 0x52:
REPZ
b
b
b
b
b
b
b
b
nZ
1
2
0
2
1
2
2
2
3
2
4
2
5
2
6
2
7
1
1
0
1
2
3
4
5
6
7
)
(
Table 25: Z-axis repetitions control register (0x52)
(0x52) Bit
Name
Description
Bit 7
REPZ <7>
Bit 7 of number of repetitions (valid for Z)
Bit 6
REPZ <6>
Bit 6 of number of repetitions (valid for Z)
Bit 5
REPZ <5>
Bit 5 of number of repetitions (valid for Z)
Bit 4
REPZ <4>
Bit 4 of number of repetitions (valid for Z)
Bit 3
REPZ <3>
Bit 3 of number of repetitions (valid for Z)
Bit 2
REPZ <2>
Bit 2 of number of repetitions (valid for Z)
Bit 1
REPZ <1>
Bit 1 of number of repetitions (valid for Z)
Bit 0
REPZ <0>
Bit 0 of number of repetitions (valid for Z)
Table 26: Numbers of repetition for z-axis depending on value of register (0x52)
(0x52)
register
value
(binary)
(0x52) register
value
(hex)
Number of repetitions for z-axis
00000000b
0x00h
1
00000001b
0x01h
2
00000010b
0x02h
3
00000011b
0x03h
4
…
…
11111111b
0xFFh
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com