Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 23Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 24Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 25Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 26Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 27Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 28Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 29Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 30Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 27
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
Register (0x4C) contains control bits for operation mode, output data rate and self-test.
The two “Adv. ST” bits control the on-chip advanced self-test (see chapter 4.4.2 for details of the
magnetometer advanced self-test).
The three “Data rate” bits control the magnetometer output data rate according to below Table
17.
The two “Opmode” bits control the operation mode according to below Table 18 (see chapter
4.2 for a detailed description of magnetometer power modes).
Table 16: Operation mode, output data rate and self-test control register (0x4C)
(0x4C) Bit
Name
Description
Bit 7
Adv. ST <1>
Advanced self-test control bit 1
Bit 6
Adv. ST <0>
Advanced self-test control bit 0
Bit 5
Data rate <2>
Data rate control bit 2
Bit 4
Data rate <1>
Data rate control bit 1
Bit 3
Data rate <0>
Data rate control bit 0
Bit 2
Opmode <1>
Operation mode control bit 1
Bit 1
Opmode <0>
Operation mode control bit 0
Bit 0
Self Test
Normal self-test control bit
Three “Data rate” bits control the output data rate (ODR) of the BMM150 magnetometer part:
Table 17: Output data rate (ODR) setting (0x4C)
(0x4C)
Data rate <2:0>
Magnetometer output data rate
(ODR) [Hz]
000b
10 (default)
001b
2
010b
6
011b
8
100b
15
101b
20
110b
25
111b
30
Two “Opmode” bits control the operation mode of the BMM150 magnetometer part:
Table 18: Operation mode setting (0x4C)
(0x4C)
Opmode <1:0>
Magnetometer operation mode6
00b
Normal mode
01b
Forced mode
10b
Reserved, do not use
11b
Sleep Mode
6 See chapter 4.2 for a detailed description of magnetometer power modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com