Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 18Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 19Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 20Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 21Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 22Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 23Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 24Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 25Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 22
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
5. Register Description
5.1 General Remarks
The entire communication with the device’s magnetometer part is performed by reading from
and writing to registers. Registers have a width of 8 bits; they are mapped to a common space
of 50 addresses from (0x40) up to (0x71). Within the used range there are several registers
which are marked as ‘reserved’. Any reserved bit is ignored when it is written and no specific
value is guaranteed when read. Especially, in SPI mode the SDO pin may stay in high-Z state
when reading some of these registers.
Registers with addresses from (0x40) up to (0x4A) are read-only. Any attempt to write to these
registers is ignored.
5.2 Register map
Register Address
Default Value
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
0x71
N/A
0x70
N/A
0x6F
N/A
0x6E
N/A
0x6D
N/A
0x6C
N/A
0x6B
N/A
0x6A
N/A
0x69
N/A
0x68
N/A
0x67
N/A
0x66
N/A
0x65
N/A
0x64
N/A
0x63
N/A
0x62
N/A
0x61
N/A
0x60
N/A
0x5F
N/A
0x5E
N/A
0x5D
N/A
0x5C
N/A
0x5B
N/A
0x5A
N/A
0x59
N/A
0x58
N/A
0x57
N/A
0x56
N/A
0x55
N/A
0x54
N/A
0x53
N/A
0x52
0x00
0x51
0x00
0x50
0x00
0x4F
0x00
0x4E
0x07
Data Ready Pin En
Interrupt Pin En
Channel Z
Channel Y
Channel X
DR Polarity
Interrupt Latch
Interrupt Polarity
0X4D
0x3F
Data Overrun En
Overflow Int En
High Int Z en
High Int Y en
High Int X en
Low Int Z en
Low Int Y en
Low Int X en
0x4C
0x06
Self Test
0x4B
0x01
Soft Reset '1'
fixed '0'
fixed '0'
fixed '0'
fixed '0'
SPI3en
Soft Reset '1'
Power Control Bit
0x4A
0x00
Data Overrun
Overflow
High Int Z
High Int Y
High Int X
Low Int Z
Low Int Y
Low Int X
0x49
N/A
0x48
N/A
fixed '0'
Data Ready Status
0x47
N/A
0x46
N/A
Z-Self-Test
0x45
N/A
0x44
N/A
fixed '0'
fixed '0'
Y-Self-Test
0x43
N/A
0x42
N/A
fixed '0'
fixed '0'
X-Self-Test
0x41
N/A
0x40
0x32
w/r
w/r accessible
in suspend mode
read only
reserved
reserved
reserved
Chip ID = 0x32 (can only be read if power control bit ="1")
REPZ Number Of Repetitions (valid for Z) [7:0]
REPXY Number Of Repetitions (valid for XY) [7:0]
DATA X [12:5] MSB
DATA X [4:0] LSB
DATA Z [14:7] MSB
RHALL [5:0] LSB
DATA Y [12:5] MSB
DATA Y [4:0] LSB
High Threshold [7:0]
Low Threshold [7:0]
Adv. ST [1:0]
Data Rate [2:0]
DATA Z [6:0] LSB
Opmode [1:0]
RHALL [13:6] MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com