Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 43Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 44Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 45Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 46Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 47Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 48Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 49Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 50Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 47
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
9.1 Android axes orientation
The Android coordinate system is shown in Figure 22. The origin is in the lower-left corner with
respect to the screen, with the X axis horizontal and pointing right, the Y axis vertical and
pointing up and the Z axis pointing outside the front face of the screen. In this system,
coordinates behind the screen have negative Z values.
Figure 22: Android coordinate system
Attitude terms are defined in the following way (see Figure 23):
 Heading / Azimuth – angle between the magnetic north direction and the Y axis, around
the Z axis (0° to 360°). 0° = North, 90° = East, 180° = South, 270° = West.
 Pitch – rotation around X axis (-180° to 180°), with positive values when the z-axis
moves toward the y-axis.
 Roll – rotation around Y axis (-90° to 90°), with positive values when the x-axis moves
toward the z-axis.
Figure 23: Heading, pitch and roll in Android coordinate frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com