Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 14Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 15Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 16Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 17Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 18Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 19Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 20Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 21Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 18
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
4.6.1 General features
An interrupt is cleared depending on the selected interrupt mode, which is common to all
interrupts. There are two different interrupt modes: non-latched and latched. All interrupts
(except Data Ready) can be latched or non-latched. Data Ready (DRDY) is always cleared after
readout of data registers ends.
A non-latched interrupt will be cleared on a new measurement when the interrupt condition is
not valid anymore, whereas a latched interrupt will stay high until the interrupts status register
(0x4A) is read out. After reading the interrupt status, both the interrupt status bits and the
interrupt pin are reset. The mode is selected by the “Interrupt latch” bit (register 0x4A bit1),
where the default setting of “1” means latched. Figure 4 shows the difference between the
modes for the example Low-Threshold interrupt.
INT and DRDY pin polarity can be changed by the “Interrupt polarity” bit (register 0x4E bit0) and
“DR polarity” (register 0x4E bit2), from the default high active (“1”) to low active (“0”).
Figure 4: Interrupt latched and non-latched mode
4.6.2 Electrical behavior of magnetic interrupt pins
Both interrupt pins INT and DRDY are push/pull when the corresponding interrupt pin enable bit
is set, and are floating (High-Z) when the corresponding interrupt pin enable bit is disabled
(default).
Low threshold
measurements
INT pin (non-latched)
INT pin (latched)
Readings of interrupt status register (0x4A)
a
a



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com