Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 29Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 30Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 31Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 32Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 33Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 34Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 35Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 36Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 33
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
The following table shows the electrical specifications of the interface pins:
Table 28: Electrical specification of the interface pins
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Pull-up Resistance
CSB
Rup, CSB
Internal Pull-up
Resistance to VDDIO;
deactivated in I²C
mode
80
100
120
k
Input Capacitance
Cin
10
pF
I²C Bus Load
Capacitance (max.
drive capability)
CI2C_Load
400
pF
6.1 Serial peripheral interface (SPI)
The timing specification for SPI of the BMM150 is given in the following table:
Table 29: SPI timing for BMM150
Parameter
Symbol
Condition
Min
Max
Unit
Clock Frequency
fSPI
Max. Load on SDI or
SDO = 25pF
10
MHz
SCK Low Pulse
tSCKL
20
ns
SCK High Pulse
tSCKH
20
ns
SDI Setup Time
tSDI_setup
20
ns
SDI Hold Time
tSDI_hold
20
ns
SDO Output Delay
tSDO_OD
Load = 25pF
30
ns
Load = 250pF,
VDDIO = 2.4V
40
ns
CSB Setup Time
tCSB_setup
20
ns
CSB Hold Time
tCSB_hold
40
ns
The following figure shows the definition of the SPI timings given in Table 29:
Figure 8: SPI timing diagram
tSDI_hold
tSCKH
tCSB_hold
tCSB_setup
tSDI_setup
tSCKL
tSDO_OD
CSB
SCK
SDI
SDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com