Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 4Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 5Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 6Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 7Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 8Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 9Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 10Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 11Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 8
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
calibration with Bosch
Sensortec eCompass
software5
-40°C ≤ TA ≤ +85°C
ODR (data
output rate),
normal mode
odrlp
Low power preset
10
Hz
odrrg
Regular preset
9.2
10
10.8
Hz
odreh
Enhanced regular
preset
10
Hz
odrha
High accuracy preset
20
Hz
ODR (data
output rate),
forced mode
odrlp
Low power preset
0
>300
Hz
odrrg
Regular preset
0
100
Hz
odreh
Enhanced regular
preset
0
60
Hz
odrha
High accuracy preset
0
20
Hz
Full-scale
Nonlinearity
NLm, FS
best fit straight line
1
%FS
Output Noise
nrms,lp,m,xy
Low power preset
x, y-axis, TA=25°C
Nominal VDD supplies
1.0
µT
nrms,lp,m,z
Low power preset
z-axis, TA=25°C
Nominal VDD supplies
1.4
µT
nrms,rg,m
Regular preset
TA=25°C
Nominal VDD supplies
0.6
µT
nrms,eh,m
Enhanced regular
preset
TA=25°C
Nominal VDD supplies
0.5
µT
nrms,ha,m
High accuracy preset
TA=25°C
Nominal VDD supplies
0.3
µT
Power Supply
Rejection Rate
PSRRm
TA=25°C
Nominal VDD supplies
±
0.5
µT/V
5Magnetic zero-B offset assuming calibration with Bosch Sensortec eCompass software. Typical
value after applying calibration movements containing various device orientations (typical
device usage).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com