Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMM150 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # BMM150
Description  Geomagnetic Sensor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

BMM150 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button BMM150 Datasheet HTML 35Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 36Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 37Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 38Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 39Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 40Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 41Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 42Page - List of Unclassifed Manufacturers BMM150 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
Datasheet
BMM150 Geomagnetic Sensor
Page 39
BST-BMM150-DS001-01 | Revision 1.0 | April 2013
Bosch Sensortec
© Bosch Sensortec GmbH reserves all rights even in the event of industrial property rights. We reserve all rights of disposal such as copying and passing on to
third parties. BOSCH and the symbol are registered trademarks of Robert Bosch GmbH, Germany.
Note: Specifications within this document are subject to change without notice.
I²C write access:
I²C write access can be used to write a data byte in one sequence.
The sequence begins with start condition generated by the master, followed by 7 bits slave
address and a write bit (RW = 0). The slave sends an acknowledge bit (ACK = 0) and releases
the bus. Then the master sends the one byte register address. The slave again acknowledges
the transmission and waits for the 8 bits of data which shall be written to the specified register
address. After the slave acknowledges the data byte, the master generates a stop signal and
terminates the writing protocol.
Example of an I²C write access:
Figure 14: Example of an I²C write access
I²C read access:
I²C read access also can be used to read one or multiple data bytes in one sequence.
A read sequence consists of a one-byte I²C write phase followed by the I²C read phase. The
two parts of the transmission must be separated by a repeated start condition (Sr). The I²C write
phase addresses the slave and sends the register address to be read. After slave
acknowledges the transmission, the master generates again a start condition and sends the
slave address together with a read bit (RW = 1). Then the master releases the bus and waits for
the data bytes to be read out from slave. After each data byte the master has to generate an
acknowledge bit (ACK = 0) to enable further data transfer. A NACKM (ACK = 1) from the master
stops the data being transferred from the slave. The slave releases the bus so that the master
can generate a STOP condition and terminate the transmission.
The register address is automatically incremented and, therefore, more than one byte can be
sequentially read out. Once a new data read transmission starts, the start address will be set to
the register address specified in the latest I²C write command. By default the start address is set
at 0x00. In this way repetitive multi-bytes reads from the same starting address are possible.
In order to prevent the I²C slave of the device to lock-up the I²C bus, a watchdog timer (WDT) is
implemented in the BMM150. The WDT observes internal I²C signals and resets the I²C
interface if the bus is locked-up. The activity and the timer period of the WDT is predefined with
a default time period of 50 ms by factory trimming.
Start
RW ACKS
ACKS
ACKS Stop
0
0
1
0
0
0
0
0
0
0
0
1
0
0
0
0
X
X
X
X
X
X
X
X
S
Slave Adress
Register adress (0x10)
Control byte
Data byte
Data (0x09)
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com