Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet(PDF) 11 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 7Page - STMicroelectronics L7292 Datasheet HTML 8Page - STMicroelectronics L7292 Datasheet HTML 9Page - STMicroelectronics L7292 Datasheet HTML 10Page - STMicroelectronics L7292 Datasheet HTML 11Page - STMicroelectronics L7292 Datasheet HTML 12Page - STMicroelectronics L7292 Datasheet HTML 13Page - STMicroelectronics L7292 Datasheet HTML 14Page - STMicroelectronics L7292 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
DocID028601 Rev 1
11/60
L7292
Absolute maximum ratings
60
4
Absolute maximum ratings
The absolute maximum rating is the maximum stress that can be applied to a device without
causing permanent damage. However, extended exposure to maximum ratings may affect
long-term device reliability.
Table 3. Absolute maximum ratings
Parameter
Rating
SUP, SUP14 - 2 - 3 - 5, SUPDR
-0.3 V - 7 V
VBUS
-0.3 V - 7 V
SW 1 - 5
-0.3 V - 7 V
FB 1 - 5
-0.3 V - 4 V
SDA, SCL, POR, MODA, MODB
-0.3 V - VBUS
LDO INT
-0.3 V - 2.5 V
LDO
-0.3 V - 7 V
Operating ambient temperature
-30 °C to 85 °C
Operating virtual junction temperature
170 °C
Thermal resistance, junction to ambient
QFN 5 x 5 x 0.9 40L
30 °C/W
Storage temperature
-55 °C to 150 °C
Solder temperature - 10 s duration
250 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com