Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 10Page - STMicroelectronics L7292 Datasheet HTML 11Page - STMicroelectronics L7292 Datasheet HTML 12Page - STMicroelectronics L7292 Datasheet HTML 13Page - STMicroelectronics L7292 Datasheet HTML 14Page - STMicroelectronics L7292 Datasheet HTML 15Page - STMicroelectronics L7292 Datasheet HTML 16Page - STMicroelectronics L7292 Datasheet HTML 17Page - STMicroelectronics L7292 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
Electrical characteristics
L7292
14/60
DocID028601 Rev 1
5.5
Voltage monitor and POR generator
Table 9. Voltage monitor and POR generator
Parameter
Conditions
Min.
Typ.
Max.
Unit
Undervoltage threshold
rising
SUP
Enable to regulators
softstart
2.75
2.8
2.9
V
Undervoltage threshold
falling
SUP
POR signal only
2.65
2.7
2.8
V
Undervoltage threshold
hysteresis
SUP
0.05
0.1
0.2
Undervoltage threshold
falling
BUCK1 ,2, 3, 4, 5
Vout - 15%(1)
Regulators disable
BUCK1, 2, 3, 4, 5
2.45
2.5
2.6
V
DLY1
POR rising delay
PORZ
2 ms step
programmability
-10%
8 - 10 - 12 - 14 -16
- 18 - 20 -22 - 24
+10%
ms
POR low level output
voltage, VOL
PORZ
IOL = 1 mA
0.3
V
POR pull-up
Internal pull-up to
VBUS -30 °C to 125 °C
100
200
300
k
POR high level output
voltage, VOH
80 %
VBUS
V
POR low level output
voltage, VOL
20%
VBUS
V
1. Valid before POR signal enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com