Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 13Page - STMicroelectronics L7292 Datasheet HTML 14Page - STMicroelectronics L7292 Datasheet HTML 15Page - STMicroelectronics L7292 Datasheet HTML 16Page - STMicroelectronics L7292 Datasheet HTML 17Page - STMicroelectronics L7292 Datasheet HTML 18Page - STMicroelectronics L7292 Datasheet HTML 19Page - STMicroelectronics L7292 Datasheet HTML 20Page - STMicroelectronics L7292 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
DocID028601 Rev 1
17/60
L7292
Voltage regulators
60
6.3
BUCK3 switching regulator
Unless otherwise noted, typical values at TA = 25 °C, Vin = 5.0 V.
The max. values are at Tj = 125 °C and the worst case process.
Table 12. BUCK3 switching regulator
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC bias current
PFM mode
Deep sleep mode no load
20
µA
Output DC voltage range
Steady state, ILOAD < 1 A
0.7
1.3
V
Output voltage step size
Single step change
25
mV
Load current range
Internal FET, steady state
0.5
A
Current limit threshold
Integrated FET current
2.0(1)
A
PFM current peak
Programmable
0.8
A
DC line regulation
3.3 V < VSUP < 5 V, Iout = 0.5 A
0.4(1)
%/V
DC load regulation
While in PWM
PSR3CFG bit 7 = 1
0.1(1)
%/A
Switching frequency
Programmable
1.3
MHz
Output voltage accuracy
While in PWM
-2
+2
%
Transient response
Load transient time = 10 µs. Referring to CCM,
Vout = 1.1 V, load current from 0 to 80% Imax.
±3(1)
%
Soft-start time
Vin = 3.3 V, output voltage ramp from 0 to 95% of
final Vout = 1.1 V Rload = 3.0

130(1) 160(1)
µs
Integrated high-side PFET RDS
Vin = 5 V
172
m
Vin = 3.3 V
216
Integrated low-side NFET RDS
Vin = 5 V
88
Vin = 3.3 V
106
Efficiency
Vin = 5.0 V, Vout = 1.1 V, Iload = 1 mA
78(2)
%
Vin = 3.3 V, Vout = 1.1 V, Iload = 1 mA
81(2)
Vin = 5.0 V, Vout = 1.1 V, Iload = 0.5 A
80(2)
Vin = 3.3 V, Vout= 1.1 V, Iload = 0.5 A
81(2)
FB input impedance
0.2
M
Input capacitor
4.7
µF
Output filter capacitor
22
µF
Output filter capacitor ESR
20
m
Output filter inductance
1.0
µH
1. Guaranteed by design.
2. Efficiency measured between the SUP3 PIN and BUCK3 POUT. L = 1
H, DC resistance max. = 0.036 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com