Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet(PDF) 40 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 36Page - STMicroelectronics L7292 Datasheet HTML 37Page - STMicroelectronics L7292 Datasheet HTML 38Page - STMicroelectronics L7292 Datasheet HTML 39Page - STMicroelectronics L7292 Datasheet HTML 40Page - STMicroelectronics L7292 Datasheet HTML 41Page - STMicroelectronics L7292 Datasheet HTML 42Page - STMicroelectronics L7292 Datasheet HTML 43Page - STMicroelectronics L7292 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
Buck regulator description
L7292
40/60
DocID028601 Rev 1
Figure 14. Block diagram
The MODA and MODB status is latched inside the L7292 device when SUP
≥ 2.8 V and
VBUS is > 70% of its min. value (70% of 1.72 V). After that the EEPROM is read and the
wanted power up sequence enabled.
11.2
VOUT selection
By writing the PSRxVLEN (bit 7) = 1 in the register:
PSR1VL for BUCK1
PSR2VL for BUCK2
PSR3VL for BUCK3
PSR4VL for BUCK4
PSR5VL for BUCK5
It is possible to change the default output voltage of each regulator. This operation disables
the MODA and MODB functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com