Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 27Page - STMicroelectronics L7292 Datasheet HTML 28Page - STMicroelectronics L7292 Datasheet HTML 29Page - STMicroelectronics L7292 Datasheet HTML 30Page - STMicroelectronics L7292 Datasheet HTML 31Page - STMicroelectronics L7292 Datasheet HTML 32Page - STMicroelectronics L7292 Datasheet HTML 33Page - STMicroelectronics L7292 Datasheet HTML 34Page - STMicroelectronics L7292 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 60 page
background image
DocID028601 Rev 1
31/60
L7292
Register map
60
9.2
Detailed register description
9.2.1
PSR1VL.VL - voltage level
Voltage level = 0.9 V + VL * 25 mV
Table 18. PSR1VL.VL voltage level
VL
Voltage level
0x00
0.9
0x01
0.925
0x02
0.95
0x03
0.975
0x04
1
0x05
1.025
0x06
1.05
0x07
1.075
0x08
1.1
0x09
1.125
0x0A
1.15
0x0B
1.175
0x0C
1.2
0x0D
1.225
0x0E
1.25
0x0F
1.275
0x10
1.3
0x11
1.325
0x12
1.35
0x13
1.375
0x14
1.4
0x15
1.425
0x16
1.45
0x17
1.475
0x18
1.5
0x19
1.525
0x1A
1.55
0x1B
1.575
0x1C - 0xFF
1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com