Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 44Page - STMicroelectronics L7292 Datasheet HTML 45Page - STMicroelectronics L7292 Datasheet HTML 46Page - STMicroelectronics L7292 Datasheet HTML 47Page - STMicroelectronics L7292 Datasheet HTML 48Page - STMicroelectronics L7292 Datasheet HTML 49Page - STMicroelectronics L7292 Datasheet HTML 50Page - STMicroelectronics L7292 Datasheet HTML 51Page - STMicroelectronics L7292 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
Buck regulator description
L7292
48/60
DocID028601 Rev 1
Table 26. Fault summary
Fault type
Register bit
POR
BUCK1 - 2 - 3 - 4 - 5 action
SUP undervoltage
Yes
No actions on ALL regulators until SUP ≤ 2.5 V is
reached, and then all OFF and SW outputs pulled low
through the resistor.
VBUCK 1 - 2 - 3 - 4 - 5
undervoltage
PSR1 - 2 - 3 - 4 - 5 FL
No
Enabled at power up before POR rising.
Overtemperature
TEMPFL
Yes
ALL regulators OFF and SW outputs pulled low
through the resistor. Restart with a soft-start when the
temperature falls below the lower threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com