Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet(PDF) 21 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 17Page - STMicroelectronics L7292 Datasheet HTML 18Page - STMicroelectronics L7292 Datasheet HTML 19Page - STMicroelectronics L7292 Datasheet HTML 20Page - STMicroelectronics L7292 Datasheet HTML 21Page - STMicroelectronics L7292 Datasheet HTML 22Page - STMicroelectronics L7292 Datasheet HTML 23Page - STMicroelectronics L7292 Datasheet HTML 24Page - STMicroelectronics L7292 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
DocID028601 Rev 1
21/60
L7292
General description
60
7
General description
The PMU is an integrated circuit designed to supply the µController and memory in
applications supplied by a battery or 5 V. Each regulator is independent from the others and
can be enabled or disabled by the I2C serial port.
A 128-bit EEPROM is embedded in the device to store the default conditions used in each
power up:
The order in which the PSRs start during a power up sequence
The programmable delay at the beginning and at the end of the power up sequence
The programmable delay between each regulator start-up
Excluding from the power up sequence any number of regulators
The undervoltage mask and digital deglitch programmability for all regulators and for
external and internal supplies
Switching node slew rate programmability, disabling of synchronous rectification, PFM
disabling for all switching regulators.
All regulators employ synchronous rectification and have an automatic transition between
PWM and PFM. A voltage monitor and thermal protection are present for a better control of
system functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com