Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 22Page - STMicroelectronics L7292 Datasheet HTML 23Page - STMicroelectronics L7292 Datasheet HTML 24Page - STMicroelectronics L7292 Datasheet HTML 25Page - STMicroelectronics L7292 Datasheet HTML 26Page - STMicroelectronics L7292 Datasheet HTML 27Page - STMicroelectronics L7292 Datasheet HTML 28Page - STMicroelectronics L7292 Datasheet HTML 29Page - STMicroelectronics L7292 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
I2C interface
L7292
26/60
DocID028601 Rev 1
Figure 8. Multi-write
8.3.9
Read operations
Following a Start condition the bus master sends a device select code with the Read/Write
bit (RW) set to 1. After the successful completion of a Read operation, the device's internal
address counter is incremented by one, to point to the next register address.
8.3.10
Random Address Read
A dummy Write is first performed to load the address into this address counter but without
sending a Stop condition. Then, the bus master sends another Start condition, and repeats
the device select code, with the Read/Write bit (RW) set to 1. The device acknowledges this,
and outputs the contents of the addressed byte. The bus master must not acknowledge the
byte, and terminates the transfer with a Stop condition or a repeated Start condition.
8.3.11
Current Address Read
For the Current Address Read operation, following a Start condition, the bus master only
sends a device select code with the Read/Write bit (RW) set to 1. The device acknowledges
this, and outputs the byte addressed by the internal address counter. The counter is then
incremented. The bus master terminates the transfer with a Stop condition or a repeated
Start condition, without acknowledging the byte.
8.3.12
Sequential Read
This operation can be used after a Current Address Read or a Random Address Read. The
bus master does acknowledge the data byte output, and sends additional clock pulses so
that the device continues to output the next byte in sequence. To terminate the stream of
bytes, the bus master must not acknowledge the last byte, and must generate a Stop
condition or a repeated Start condition. The output data comes from consecutive addresses,
with the internal address counter automatically incremented after each byte output.
After the last memory address, the address counter “rolls-over”, and the device continues to
output data from the memory address 00h.
8.3.13
Acknowledge in Read mode
For all Read commands, the device waits, after each byte read, for an acknowledgment
during the 9th bit time. If the bus master does not drive Serial Data (SDA) low during this
time, the device terminates the data transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com