Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet(PDF) 47 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 43Page - STMicroelectronics L7292 Datasheet HTML 44Page - STMicroelectronics L7292 Datasheet HTML 45Page - STMicroelectronics L7292 Datasheet HTML 46Page - STMicroelectronics L7292 Datasheet HTML 47Page - STMicroelectronics L7292 Datasheet HTML 48Page - STMicroelectronics L7292 Datasheet HTML 49Page - STMicroelectronics L7292 Datasheet HTML 50Page - STMicroelectronics L7292 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
DocID028601 Rev 1
47/60
L7292
Buck regulator description
60
11.14
Fault summary
Figure 17. Operative mode
Table 25. Protections
Protection
A (POR low) start-up
B ( POR high) steady state C (POR low) power-down
Overcurrent
Enabled for regulators with VOUT in
target. When an overcurrent event
occurs the regulator is forced in tristate
for 1
s, then it continues regulating.
The regulator is forced in
tristate for 1
s, then it
continues regulating.
The regulator is forced in
tristate for 1
s, then it
continues regulating.
Undervoltage
Enabled with UVth = 85% of VOUT.
When a fault occurs a soft-start is
performed again.
Disabled
Disabled
Short-circuit
Disabled
Switch-off of failed reg. for
overcurrent + Vout < 0.5 V.
Switch-off of failed reg. for
overcurrent + Vout < 0.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com