Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 12Page - STMicroelectronics L7292 Datasheet HTML 13Page - STMicroelectronics L7292 Datasheet HTML 14Page - STMicroelectronics L7292 Datasheet HTML 15Page - STMicroelectronics L7292 Datasheet HTML 16Page - STMicroelectronics L7292 Datasheet HTML 17Page - STMicroelectronics L7292 Datasheet HTML 18Page - STMicroelectronics L7292 Datasheet HTML 19Page - STMicroelectronics L7292 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
Voltage regulators
L7292
16/60
DocID028601 Rev 1
6.2
BUCK2 switching regulator
Unless otherwise noted, typical values at TA = 25 °C, Vin = 5.0 V.
The max. values are at Tj = 125 °C and the worst case process.
Table 11. BUCK2 switching regulator
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC bias current
No load , PFM mode
20
µA
Output DC voltage range
Steady state, ILOAD < 0.8 A
1.5
2.1
V
Output voltage step size
Single step change
37.5
mV
Load current range
Internal FET, steady state
0.8
A
Current limit threshold
Integrated FET current
2.5(1)
A
PFM current peak
Programmable
0.8
A
DC line regulation
3.3 V < VSUP < 5 V, Iout = 0.8 A
0.4(1)
%/V
DC load regulation
While in PWM PSR2CFG bit 7 = 1
0.1(1)
%/A
Switching frequency
Programmable
1.3
MHz
Output voltage accuracy
While in PWM
-2
+2
%
Transient response
Load transient time = 10 µs
Referring to CCM, Vout = 1.8 V, load current
from 0 to 80% Imax.
±3(1)
%
Soft-start time
Vin = 3.3 V, output voltage ramp from 0 to 95%
of final Vout = 1.8 V, max. load = 3.6

210(1) 245(1)
µs
Integrated high-side PFET RDS
Vin = 5 V
172
m
Vin = 3.3 V
216
Integrated low-side NFET RDS
Vin = 5 V
88
Vin = 3.3 V
106
Efficiency
Vin = 5.0 V, Vout = 1.8 V, Iload = 1 mA
83(2)
%
Vin = 3.3 V, Vout = 1.8 V, Iload = 1 mA
85(2)
Vin = 5.0 V, Vout = 1.8 V, Iload = 0.8 A
84(2)
Vin = 3.3 V, Vout = 1.8 V, Iload = 0.8 A
86(2)
FB input impedance
0.2
M
Input capacitor
4.7
µF
Output filter capacitor
22
µF
Output filter capacitor ESR
20
m
Output filter inductance
1.0
µH
1.
Guaranteed by design.
2. Efficiency measured between the SUP2 PIN and BUCK2 POUT. L = 1 µH, DC resistance max. = 0.036
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com