Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 25Page - STMicroelectronics L7292 Datasheet HTML 26Page - STMicroelectronics L7292 Datasheet HTML 27Page - STMicroelectronics L7292 Datasheet HTML 28Page - STMicroelectronics L7292 Datasheet HTML 29Page - STMicroelectronics L7292 Datasheet HTML 30Page - STMicroelectronics L7292 Datasheet HTML 31Page - STMicroelectronics L7292 Datasheet HTML 32Page - STMicroelectronics L7292 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
DocID028601 Rev 1
29/60
L7292
Register map
60
9
Register map
An internal register bank can be accessed by the I2C interface. The size of the address
space is 64 (address word length = 6 bits). Not every register bit can be accessed in the
read/write mode; there are also the read only and reserved bit. A read only bit can be only
read and a write operation has no effect. A reserved bit returns '0' when read and a write
operation has no effect.
9.1
General overview
Table 16. Register map overview
Address
Name
Description
Bit
Name
Read/write
Reset value
76
5
4
3
2
1
0
0x01
PSR1VL
Power switching
regulator 1
voltage level
PSR1VLEN
R/W
0x0
PSR1OCDI
SR/W
0x0
Reserved
VL[4:0]
R/W
Default defined by MOD pins
0x02
PSR3VL
Power switching
regulator 3
voltage level
PSR3VLEN
R/W
0x0
PSR3OCDI
SR/W
0x0
Reserved
VL[4:0]
R/W
Default defined by MOD pins
0x03
PSR2VL
Power switching
regulator 2
voltage level
PSR2VLEN
R/W
0x0
PSR2OCDI
SR/W
0x0
Reserved
VL[4:0]
R/W
Default defined by MOD pins
0x04
PSR4VL
Power switching
regulator 4
voltage level
PSR4VLEN
R/W
0x0
PSR4OCDI
SR/W
0x0
Reserved
L[4:0]
R/W
Default defined by MOD pins
0x05
PSR5VL
Power switching
regulator 5
voltage level
PSR5VLEN
R/W
0x0
PSR5OCDI
SR/W
0x0
Reserved
VL[4:0]
R/W
Default defined by MOD pins
0x07
PSR1CFG
Power switching
regulator 1
configuration
PFMDIS
R/W
0x0
ORDER[2:0]
R/W
0x2
SLEW[1:0]
R/W
0x3
LSDIS
R/W
0x0
UVM
R/W
0x0
0x08
PSR3CFG
Power switching
regulator 3
configuration
PFMDIS
R/W
0x0
ORDER[2:0]
R/W
0x0
RSLEW[1:0]
R/W
0x3
LSDIS
R/W
0x0
UVM
R/W
0x0
0x09
PSR2CFG
Power switching
regulator 2
configuration
PFMDIS
R/W
0x0
ORDER[2:0]
R/W
0x3
RSLEW[1:0]
R/W
0x3
LSDIS
R/W
0x0
UVM
R/W
0x0
0x0A
PSR4CFG
Power switching
regulator 4
configura-tion
PFMDIS
R/W
0x0
ORDER[2:0]
R/W
0x0
RSLEW[1:0]
R/W
0x3
LSDIS
R/W
0x0
UVM
R/W
0x0
0x0B
PSR5CFG
Power switching
regulator 5
configura-tion
PFMDIS
R/W
0x0
ORDER[2:0]
R/W
0x1
RSLEW[1:0]
R/W
0x3
LSDIS
R/W
0x0
UVM
R/W
0x0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com