Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 28Page - STMicroelectronics L7292 Datasheet HTML 29Page - STMicroelectronics L7292 Datasheet HTML 30Page - STMicroelectronics L7292 Datasheet HTML 31Page - STMicroelectronics L7292 Datasheet HTML 32Page - STMicroelectronics L7292 Datasheet HTML 33Page - STMicroelectronics L7292 Datasheet HTML 34Page - STMicroelectronics L7292 Datasheet HTML 35Page - STMicroelectronics L7292 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
Register map
L7292
32/60
DocID028601 Rev 1
9.2.2
PSR2VL.VL - voltage level
Voltage level = 1.5 V + VL * 37.5 mV
Table 19. PSR2VL.VL voltage level
VL
Voltage level
0x00
1.5
0x01
1.5375
0x02
1.575
0x03
1.6125
0x04
1.65
0x05
1.6875
0x06
1.725
0x07
1.7625
0x08
1.8
0x09
1.8375
0x0A
1.875
0x0B
1.9125
0x0C
1.95
0x0D
1.9875
0x0E
2.025
0x0F
2.0625
0x10 - 0xFF
2.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com