Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet(PDF) 41 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 37Page - STMicroelectronics L7292 Datasheet HTML 38Page - STMicroelectronics L7292 Datasheet HTML 39Page - STMicroelectronics L7292 Datasheet HTML 40Page - STMicroelectronics L7292 Datasheet HTML 41Page - STMicroelectronics L7292 Datasheet HTML 42Page - STMicroelectronics L7292 Datasheet HTML 43Page - STMicroelectronics L7292 Datasheet HTML 44Page - STMicroelectronics L7292 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
DocID028601 Rev 1
41/60
L7292
Buck regulator description
60
In Table 23 are reported the output voltage ranges selectable by register map bits and the
status when in the DSM mode.
11.3
Regulator sequence programmability
The device offers a wide power-on sequence programmability. For each regulator it is
possible to define the initial status (enable or disable each regulator) and the order in the
power up sequence. Other settings are:
SEQCFG.DLY2 - Delay 2 - delay between two sequence steps
0x0: 0 ms / no delay
0x1: 0.5 ms
0x2: 1.0 ms
0x3: 2.0 ms
SEQCFG.DLY1CFG - Delay 1 - configuration delay before/after power up sequence
configuration
0x0: no delay
0x1: delay before POR rising edge
0x2: delay before starting sequence
0x3: delay before starting sequence and before POR rising edge.
Table 23. VOUT ranges
Regulator
Vout min. [V]
Vout max. [V]
Max. DC
CURRENT [A]
Vout step
[mV]
DSM mode
BUCK1
0.9
1.6
1.0
25
Off
BUCK2
1.5
2.1
0.8
37.5
Off
BUCK3
0.7
1.3
0.5
25
On
BUCK4
0.7
1.3
1.0
25
Off
BUCK5
0.7
1.3
1.6
25
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com