Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7292 Datasheet(PDF) 50 Page - STMicroelectronics

Part # L7292
Description  Five buck regulators power management unit
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7292 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button L7292 Datasheet HTML 46Page - STMicroelectronics L7292 Datasheet HTML 47Page - STMicroelectronics L7292 Datasheet HTML 48Page - STMicroelectronics L7292 Datasheet HTML 49Page - STMicroelectronics L7292 Datasheet HTML 50Page - STMicroelectronics L7292 Datasheet HTML 51Page - STMicroelectronics L7292 Datasheet HTML 52Page - STMicroelectronics L7292 Datasheet HTML 53Page - STMicroelectronics L7292 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
Package information
L7292
50/60
DocID028601 Rev 1
Table 27. VQFN 5 x 5 x 0.9 40L package mechanical data
Symbol
Dimensions for PLANT 994D (mm)
Min.
Typ.
Max.
Notes
A
0.80
0.90
1.00
(1)
1. VQFN-Sr stands for “Very Thin Quad Flat Non-leaded - Single Row”. Low profile: The total profile height
(Dim. A) is measured from the seating plane to the top of the component.s
A1
0.02
0.05
0.08
(2), (3)
2. The terminal A1 corner must be identified on the top surface through a inked or laser mark dot.
A distinguishing feature is allowable on the bottom surface of the package, chamfer at the die paddle
corner to identify the terminal A1. Exact shape of each corner is optional.
3. Terminal A1 corner index area.
A2
0.75
A3
0.13
D5.00
D2
3.65
3.70
3.75
E5.00
E2
3.65
3.70
3.75
b
0.22
0.25
0.28
L
0.27
0.3
0.33
Lead D
0.22
0.25
0.28
e0.45
e1
2.25
e2
2.275
aaa
0.15
bbb
0.10
ddd
0.05
eee
0.10
(4)
4. The tolerance of the position that controls the location of the pattern of pads with respect to datum A and B.
For each pad there is a cylindrical tolerance zone eee perpendicular to datum C and located on the true
position with respect to datum A and B as defined by e. The axis perpendicular to datum C of each pad
must lie within this tolerance zone.
Fff
0.08
(5)
5. The tolerance of the position that controls the location of the pads within the matrix with respect to each
other. For each pad there is a cylindrical tolerance zone fff perpendicular to datum C and located on the
true position as defined by e. The axis perpendicular to datum C of each pad must lie within this tolerance
zone. Each tolerance zone fff in the array is contained entirely in the respective zone eee above. The axis
of each pad must lie simultaneously in both tolerance zones.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com